Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 25 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 21Page - Texas Instruments XIO2000A Datasheet HTML 22Page - Texas Instruments XIO2000A Datasheet HTML 23Page - Texas Instruments XIO2000A Datasheet HTML 24Page - Texas Instruments XIO2000A Datasheet HTML 25Page - Texas Instruments XIO2000A Datasheet HTML 26Page - Texas Instruments XIO2000A Datasheet HTML 27Page - Texas Instruments XIO2000A Datasheet HTML 28Page - Texas Instruments XIO2000A Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 155 page
background image
Introduction
15
April 2007
SCPS155B
Table 2−7. PCI Express Terminals
SIGNAL
GZZ/
ZZZ
BALL #
ZHH
BALL #
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
PERST
J17
H12
I
LV
CMOS
VDD_33_
COMBIO
−
PCI Express reset input. The PERST signal identifies
when the system power is stable and generates an
internal power on reset.
Note: The PERST input buffer has hysteresis.
REF0_PCIE
REF1_PCIE
L16
L17
J14
J13
I/O
BIAS
−
External
resistor
External reference resistor + and − terminals for
setting TX driver current. An external resistor is
connected between terminals L16 and L17.
RXP
RXN
E17
E16
E14
E13
DI
HS
DIFF IN
VSS
−
High-speed receive pair. RXP and RXN comprise the
differential receive pair for the single PCI Express lane
supported.
TXP
TXN
H17
H16
G14
G13
DO
HS
DIFF
OUT
VDD_15
Series
capacitors
High-speed transmit pair. TXP and TXN comprise the
differential transmit pair for the single PCI Express
lane supported.
WAKE
M16
K14
O
LV
CMOS
VDD_33_
COMBIO
−
Wake is an active low signal that is driven low to
reactivate the PCI Express link hierarchy’s main
power rails and reference clocks.
Note: Since WAKE is an open-drain output buffer, a
system side pullup resistor is required.
Table 2−8. Clock Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHH
BALL #
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
REFCLK_SEL
A16
A14
I
LV
CMOS
VDD_33
Pullup or
pulldown
resistor
Reference clock select. This terminal
selects the reference clock input.
0 = 100-MHz differential common
reference clock used.
1 = 125-MHz single-ended, reference
clock used.
REFCLK+
C17
C13
DI
HS
DIFF
IN
VDD_33
−
Reference clock. REFCLK+ and
REFCLK− comprise the differential input
pair for the 100-MHz system reference
clock. For a single-ended, 125-MHz
system reference clock, use the
REFCLK+ input.
REFCLK−
C16
C14
DI
HS
DIFF
IN
VDD_33
Capacitor to
VSS for
single-ended
mode
Reference clock. REFCLK+ and
REFCLK− comprise the differential input
pair for the 100-MHz system reference
clock. For a single-ended, 125-MHz
system reference clock, attach a
capacitor from REFCLK− to VSS.
CLK
P03
L03
I
PCI
Bus
VCCP
−
PCI clock input. This is the clock input to
the PCI bus core.
CLKOUT0
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
CLKOUT5
CLKOUT6
C08
B09
B10
A11
A12
A13
B14
D07
B08
A09
D10
B10
B11
A13
O
PCI
Bus
VCCP
−
PCI clock outputs. These clock outputs
are used to clock the PCI bus. If the
bridge PCI bus clock outputs are used,
then CLKOUT6 must be connected to the
CLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com