Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 78 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 74Page - Texas Instruments XIO2000A Datasheet HTML 75Page - Texas Instruments XIO2000A Datasheet HTML 76Page - Texas Instruments XIO2000A Datasheet HTML 77Page - Texas Instruments XIO2000A Datasheet HTML 78Page - Texas Instruments XIO2000A Datasheet HTML 79Page - Texas Instruments XIO2000A Datasheet HTML 80Page - Texas Instruments XIO2000A Datasheet HTML 81Page - Texas Instruments XIO2000A Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 155 page
background image
Classic PCI Configuration Space
68
April 2007
SCPS155B
4.50 Device Control Register
The device control register controls PCI Express device specific parameters. See Table 4−26 for a complete
description of the register contents.
PCI register offset:
98h
Register type:
Read-only, Read/Write
Default value:
2800h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
Table 4−26. Device Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
CFG_RTRY_ENB
RW
Configuration retry status enable. When this read/write bit is set to 1b, the bridge returns a
completion with completion retry status on PCI Express if a configuration transaction forwarded
to the secondary interface did not complete within the implementation specific time-out period.
When this bit is set to 0b, the bridge does not generate completions with completion retry status
on behalf of configuration transactions. The default value of this bit is 0b.
14:12
MRRS
RW
Maximum read request size. This field is programmed by host software to set the maximum size
of a read request that the bridge can generate. The bridge uses this field in conjunction with the
cache line size register (offset 0Ch, see Section 4.6) to determine how much data to fetch on a
read request. This field is encoded as:
000 = 128B
001 = 256B
010 = 512B (default)
011 = 1024B
100 = 2048B
101 = 4096B
110 = Reserved
111 = Reserved
11
ENS
RW
Enable no snoop. Controls the setting of the no snoop flag within the TLP header for upstream
memory transactions mapped to any traffic class mapped to a virtual channel (VC) other than
VC0 through the upstream decode windows.
0 = No snoop field is 0b
1 = No snoop field is 1b (default)
10k
APPE
RW
Auxiliary power PM enable. This bit has no effect in the bridge.
0 = AUX power is disabled (default)
1 = AUX power is enabled
9
PFE
R
Phantom function enable. Since the bridge does not support phantom functions, this bit is
read-only 0b.
8
ETFE
R
Extended tag field enable. Since the bridge does not support extended tags, this bit is read-only
0b.
7:5
MPS
RW
Maximum payload size. This field is programmed by host software to set the maximum size of
posted writes or read completions that the bridge can initiate. This field is encoded as:
000 = 128B (default)
001 = 256B
010 = 512B
011 = 1024B
100 = 2048B
101 = 4096B
110 = Reserved
111 = Reserved
4
ERO
R
Enable relaxed ordering. Since the bridge does not support relaxed ordering, this bit is read-only
0b.
kThis bit is sticky and must retain its value when the bridge is powered by VAUX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com