Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 26 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 22Page - Texas Instruments XIO2000A Datasheet HTML 23Page - Texas Instruments XIO2000A Datasheet HTML 24Page - Texas Instruments XIO2000A Datasheet HTML 25Page - Texas Instruments XIO2000A Datasheet HTML 26Page - Texas Instruments XIO2000A Datasheet HTML 27Page - Texas Instruments XIO2000A Datasheet HTML 28Page - Texas Instruments XIO2000A Datasheet HTML 29Page - Texas Instruments XIO2000A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 155 page
background image
Introduction
16
April 2007
SCPS155B
Table 2−9. PCI System Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHH
BALL #
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
AD31
AD30
AD29
AD28
AD27
AD26
AD25
AD24
AD23
AD22
AD21
AD20
AD19
AD18
AD17
AD16
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
P02
P01
N02
N01
M02
M01
L04
L03
L01
K03
K02
K01
J02
J03
H02
H03
D02
C01
C02
B01
A02
B03
A03
C04
B05
A05
B06
A06
D07
C07
B07
A07
L01
L02
L04
K03
K02
K01
J04
J03
J01
H04
H02
H03
H01
G03
G02
F03
C02
C03
B01
B02
A02
B03
A03
C04
C05
B05
A05
B06
C06
A06
D06
A07
I/O
PCI
Bus
VCCP
−
PCI address data lines
C/BE[3]
C/BE[2]
C/BE[1]
C/BE[0]
L02
H01
D01
B04
J02
F02
C01
B04
I/O
PCI
Bus
VCCP
−
PCI command byte enables
DEVSEL
F01
E02
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI device select
FRAME
G01
F01
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI frame
GNT5
GNT4
GNT3
GNT2
GNT1
GNT0
A14
C12
C11
A10
A09
A08
C11
D11
C10
B09
C08
C07
O
PCI
Bus
VCCP
−
PCI grant outputs. These signals are used for
arbitration when the PCI bus is the secondary bus
and an external arbiter is not used. GNT0 is used
as the REQ for the bridge when an external
arbiter is used.
INTA
INTB
INTC
INTD
R02
T01
U02
T03
M02
N01
N02
M03
I
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI interrupts A−D. These signals are interrupt
inputs to the bridge on the secondary PCI bus.
IRDY
G02
E04
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI initiator ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com