Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 61 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 57Page - Texas Instruments XIO2000A Datasheet HTML 58Page - Texas Instruments XIO2000A Datasheet HTML 59Page - Texas Instruments XIO2000A Datasheet HTML 60Page - Texas Instruments XIO2000A Datasheet HTML 61Page - Texas Instruments XIO2000A Datasheet HTML 62Page - Texas Instruments XIO2000A Datasheet HTML 63Page - Texas Instruments XIO2000A Datasheet HTML 64Page - Texas Instruments XIO2000A Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 155 page
background image
Classic PCI Configuration Space
51
April 2007
SCPS155B
4.12 Secondary Bus Number Register
This read/write register specifies the bus number of the PCI bus segment that the PCI interface is connected
to. The bridge uses this register to determine how to respond to a type 1 configuration transaction.
PCI register offset:
19h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.13 Subordinate Bus Number Register
This read/write register specifies the bus number of the highest number PCI bus segment that is downstream
of the bridge. The bridge uses this register to determine how to respond to a type 1 configuration transaction.
PCI register offset:
1Ah
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.14 Secondary Latency Timer Register
This read/write register specifies the secondary bus latency timer for the bridge, in units of PCI clock cycles.
PCI register offset:
1Bh
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.15 I/O Base Register
This read/write register specifies the lower limit of the I/O addresses that the bridge forwards downstream.
See Table 4−6 for a complete description of the register contents.
PCI register offset:
1Ch
Register type:
Read-only, Read/Write
Default value:
01h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
Table 4−6. I/O Base Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
IOBASE
RW
I/O base. Defines the bottom address of the I/O address range that determines when to forward I/O
transactions from one interface to the other. These bits correspond to address bits [15:12] in the
I/O address. The lower 12 bits are assumed to be 000h. The 16 bits corresponding to address bits
[31:16] of the I/O address are defined in the I/O base upper 16 bits register (offset 30h, see
Section 4.24).
3:0
IOTYPE
R
I/O type. This field is read-only 1h indicating that the bridge supports 32-bit I/O addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com