Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 65 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 61Page - Texas Instruments XIO2000A Datasheet HTML 62Page - Texas Instruments XIO2000A Datasheet HTML 63Page - Texas Instruments XIO2000A Datasheet HTML 64Page - Texas Instruments XIO2000A Datasheet HTML 65Page - Texas Instruments XIO2000A Datasheet HTML 66Page - Texas Instruments XIO2000A Datasheet HTML 67Page - Texas Instruments XIO2000A Datasheet HTML 68Page - Texas Instruments XIO2000A Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 155 page
background image
Classic PCI Configuration Space
55
April 2007
SCPS155B
4.21 Prefetchable Memory Limit Register
This read/write register specifies the upper limit of the prefetchable memory addresses that the bridge
forwards downstream. See Table 4−12 for a complete description of the register contents.
PCI register offset:
26h
Register type:
Read-only, Read/Write
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 4−12. Prefetchable Memory Limit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
PRELIMIT
RW
Prefetchable memory limit. Defines the highest address of the prefetchable memory address range
that determines when to forward memory transactions from one interface to the other. These bits
correspond to address bits [31:20] in the memory address. The lower 20 bits are assumed to be
FFFFFh. The prefetchable limit upper 32 bits register (offset 2Ch, see Section 4.23) specifies bits
[63:32] of the 64-bit prefetchable memory address.
3:0
64BIT
R
64-bit memory indicator. These read-only bits indicate that 64-bit addressing is supported for this
memory window.
4.22 Prefetchable Base Upper 32-Bit Register
This read/write register specifies the upper 32 bits of the prefetchable memory base register. See Table 4−13
for a complete description of the register contents.
PCI register offset:
28h
Register type:
Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−13. Prefetchable Base Upper 32-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:0
PREBASE
RW
Prefetchable memory base upper 32 bits. Defines the upper 32 bits of the lowest address of the
prefetchable memory address range that determines when to forward memory transactions
downstream.
4.23 Prefetchable Limit Upper 32-Bit Register
This read/write register specifies the upper 32 bits of the prefetchable memory limit register. See Table 4−14
for a complete description of the register contents.
PCI register offset:
2Ch
Register type:
Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−14. Prefetchable Limit Upper 32-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:0
PRELIMIT
RW
Prefetchable memory limit upper 32 bits. Defines the upper 32 bits of the highest address of the
prefetchable memory address range that determines when to forward memory transactions
downstream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com