Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 46 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 42Page - Texas Instruments XIO2000A Datasheet HTML 43Page - Texas Instruments XIO2000A Datasheet HTML 44Page - Texas Instruments XIO2000A Datasheet HTML 45Page - Texas Instruments XIO2000A Datasheet HTML 46Page - Texas Instruments XIO2000A Datasheet HTML 47Page - Texas Instruments XIO2000A Datasheet HTML 48Page - Texas Instruments XIO2000A Datasheet HTML 49Page - Texas Instruments XIO2000A Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 155 page
background image
Feature/Protocol Descriptions
36
April 2007
SCPS155B
3.9
PCI Express To PCI Bus Lock Conversion
The bus-locking protocol defined in the PCI Express Base Specification and PCI Local Bus Specification is
provided on the bridge as an additional compatibility feature. The PCI bus LOCK signal is a dedicated output
that is enabled by setting bit 12 in the general control register at offset D4h. See Section 4.65, General Control
Register, for details.
NOTE:The use of LOCK is only supported by PCI-Express to PCI Bridges in the downstream
direction (away from the root complex).
PCI Express locked-memory read request transactions are treated the same as PCI Express memory read
transactions except that the bridge returns a completion for a locked-memory read. Also, the bridge uses the
PCI LOCK protocol when initiating the memory read transaction on the PCI bus.
When a PCI Express locked-memory read request transaction is received and the bridge is not already locked,
the bridge arbitrates for use of the LOCK terminal by asserting REQ. If the bridge receives GNT and the LOCK
terminal is high, then the bridge drives the LOCK terminal low after the address phase of the first
locked-memory read transaction to take ownership of LOCK. The bridge continues to assert LOCK except
during the address phase of locked transactions. If the bridge receives GNT and the LOCK terminal is low,
then the bridge deasserts its REQ and waits until LOCK is high and the bus is idle before re-arbitrating for the
use of LOCK.
Data
Address
CLK
FRAME
LOCK
AD
IRDY
TRDY
DEVSEL
Figure 3−11. Starting A Locked Sequence
Once the bridge has ownership of LOCK, the bridge initiates the lock read as a memory read transaction on
the PCI bus. When the target of the locked-memory read returns data, the bridge is considered locked and
all transactions not associated with the locked sequence are blocked by the bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com