Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 73 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 69Page - Texas Instruments XIO2000A Datasheet HTML 70Page - Texas Instruments XIO2000A Datasheet HTML 71Page - Texas Instruments XIO2000A Datasheet HTML 72Page - Texas Instruments XIO2000A Datasheet HTML 73Page - Texas Instruments XIO2000A Datasheet HTML 74Page - Texas Instruments XIO2000A Datasheet HTML 75Page - Texas Instruments XIO2000A Datasheet HTML 76Page - Texas Instruments XIO2000A Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 155 page
background image
Classic PCI Configuration Space
63
April 2007
SCPS155B
4.38 MSI Message Control Register
This register controls the sending of MSI messages. See Table 4−21 for a complete description of the register
contents.
PCI register offset:
62h
Register type:
Read-only, Read/Write
Default value:
0088h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
1
0
0
0
1
0
0
0
Table 4−21. MSI Message Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:8
RSVD
R
Reserved. Returns 00h when read.
7
64CAP
R
64-bit message capability. This bit is read-only 1b indicating that the bridge supports 64-bit MSI
message addressing.
6:4
MM_EN
RW
Multiple message enable. This bit indicates the number of distinct messages that the bridge is
allowed to generate.
000 = 1 message (default)
001 = 2 messages
010 = 4 messages
011 = 8 messages
100 = 16 messages
101 = Reserved
110 = Reserved
111 = Reserved
3:1
MM_CAP
R
Multiple message capabilities. This field indicates the number of distinct messages that bridge is
capable of generating. This field is read-only 100b indicating that the bridge can signal 1 interrupt
for each IRQ supported on the serial IRQ stream up to a maximum of 16 unique interrupts.
0
MSI_EN
RW
MSI enable. This bit enables MSI interrupt signaling. MSI signaling must be enabled by software
for the bridge to signal that a serial IRQ has been detected.
0 = MSI signaling is prohibited (default)
1 = MSI signaling is enabled
4.39 MSI Message Lower Address Register
This register contains the lower 32 bits of the address that a MSI message writes to when a serial IRQ is
detected. See Table 4−22 for a complete description of the register contents.
PCI register offset:
64h
Register type:
Read-only, Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−22. MSI Message Lower Address Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:2
ADDRESS
RW
System specified message address
1:0
RSVD
R
Reserved. Returns 00b when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com