Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 119 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 115Page - Texas Instruments XIO2000A Datasheet HTML 116Page - Texas Instruments XIO2000A Datasheet HTML 117Page - Texas Instruments XIO2000A Datasheet HTML 118Page - Texas Instruments XIO2000A Datasheet HTML 119Page - Texas Instruments XIO2000A Datasheet HTML 120Page - Texas Instruments XIO2000A Datasheet HTML 121Page - Texas Instruments XIO2000A Datasheet HTML 122Page - Texas Instruments XIO2000A Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 155 page
background image
PCI Express Extended Configuration Space
109
April 2007
SCPS155B
5.22 VC Resource Control Register (VC0)
The VC resource control register for VC0 allows software to control VC0 and the associated port and
arbitration schemes supported by the bridge. See Table 5−18 for a complete description of the register
contents.
PCI Express extended register offset:
164h
Register type:
Read-only, Read/Write
Default value:
8000 00FFh
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
Table 5−18. VC Resource Control Register (VC0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31
VC_EN
R
VC enable. This field is internally hardwired to 1b to indicate that this VC resource is always
enabled.
30:27
RSVD
R
Reserved. Returns 0h when read.
26:24
VC_ID
R
Virtual channel ID. This field is internally hardwired to 000b to indicate that this VC resource
is always used for VC0.
23:20
RSVD
R
Reserved. Returns 0h when read.
19:17
PORT_ARB_SELECT
R
Port arbitration select. This read-only field returns 000b when read, because only
hardware-fixed, round-robin arbitration is supported for this VC.
16
LOAD_PORT_TABLE
R
Load port arbitration table. This read-only bit returns 0b when read, because no port
arbitration table is supported for this VC.
15:8
RSVD
R
Reserved. Returns 00h when read.
7:0
TC_VC_MAP
RW
TC/VC map. This field indicates all of the traffic classes that are mapped to this VC. A 1b in
any bit position indicates that the corresponding traffic class is enabled for this VC. A 0b
indicates that the corresponding traffic class is mapped to a different VC. The following table
is used:
Bit 0 = Traffic class 0 (This bit is read-only and returns a value of 1b)
Bit 1 = Traffic class 1
Bit 2 = Traffic class 2
Bit 3 = Traffic class 3
Bit 4 = Traffic class 4
Bit 5 = Traffic class 5
Bit 6 = Traffic class 6
Bit 7 = Traffic class 7
The default value of FFh indicates that all eight traffic classes are initially mapped to VC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com