Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 34 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 34 Page - Winbond

Back Button ISD5216PI Datasheet HTML 30Page - Winbond ISD5216PI Datasheet HTML 31Page - Winbond ISD5216PI Datasheet HTML 32Page - Winbond ISD5216PI Datasheet HTML 33Page - Winbond ISD5216PI Datasheet HTML 34Page - Winbond ISD5216PI Datasheet HTML 35Page - Winbond ISD5216PI Datasheet HTML 36Page - Winbond ISD5216PI Datasheet HTML 37Page - Winbond ISD5216PI Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
ISD5216
- 34 -
7.7.2. Microphone and Auxiliary Inputs
Configuration Register CFG0, CFG1 and CFG2. The bits described on this page are highlighted
.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CIG2
CIG1
CIG0
AXG1
AXG0
AXPD
INS0
OSPD
AMT0
CDI1
CDI0
OPS1
OPS0
OPA1
OPA0
VLPD
CFG0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VLS1
VLS0
VOL2
VOL1
VOL0
S1S1
S1S0
S1M1
S1M0
S2M1
S2M0
FLS0
FLD1
FLD0
FLPD
AGPD
CFG1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
X
X
X
CKD2
COG2
COG1
COG0
CKDV
MUTE
HPF0
HSR0
I2S0
LAW1
LAW0
DAPD
ADPD
CFG2
AXG1
AXG0
Gain
((dB) of the
aux input
amplifier
0
0
0
0
1
3
1
0
6
1
1
9
CDI1
CDI0
Select input to
the CODEC A/D
converter
0
0
INP
0
1
SUM2
1
0
MIC
1
1
No Input
AXPD
Power up the AUX in
input amplifier
0
Power Up
1
Power Down
2.2V Voltage
AGPD
Power up the AGC
control and the MIC bias
voltage
0
Power Up
1
Power Down
ANA IN
Input
ANA IN
Input Amplifier
NOTE:
fCUTTOFF
2xRaCCCUP
1
Ra
Rb
CCOUP = 0.1 ìF
Internal to the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com