Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 63 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 63 Page - Winbond

Back Button ISD5216PI Datasheet HTML 59Page - Winbond ISD5216PI Datasheet HTML 60Page - Winbond ISD5216PI Datasheet HTML 61Page - Winbond ISD5216PI Datasheet HTML 62Page - Winbond ISD5216PI Datasheet HTML 63Page - Winbond ISD5216PI Datasheet HTML 64Page - Winbond ISD5216PI Datasheet HTML 65Page - Winbond ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 63 -
Revision B.4
Symbol
Parameters
Min
(2)
Typ
(1)
Max
(2)
Units
Conditions
TRAC
RAC Clock Period
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
256
320
386
512
msec
msec
msec
msec
[9]
[9]
[9]
[9]
TRACLO
RAC Clock Low Time
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
8
10
12.1
16
msec
msec
msec
msec
TRACM
RAC
Clock
Period
in
Message Cueing Mode
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
500
625
750
1000
msec
msec
msec
msec
TRACML
RAC Clock Low Time in
Message Cueing Mode
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
15.6
19.5
23.4
31.2
msec
msec
msec
msec
THD
Total Harmonic Distortion
AUX IN to ARRAY,
ARRAY to SPKR
1
1
2
2
%
%
@1 KHz at 0TLP,
sample rate = 5.3
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com