Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 40 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 40 Page - Winbond

Back Button ISD5216PI Datasheet HTML 36Page - Winbond ISD5216PI Datasheet HTML 37Page - Winbond ISD5216PI Datasheet HTML 38Page - Winbond ISD5216PI Datasheet HTML 39Page - Winbond ISD5216PI Datasheet HTML 40Page - Winbond ISD5216PI Datasheet HTML 41Page - Winbond ISD5216PI Datasheet HTML 42Page - Winbond ISD5216PI Datasheet HTML 43Page - Winbond ISD5216PI Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
ISD5216
- 40 -
MIC- pins compared to the situation in which the external microphone is powered up through the
power supply. It also saves current during power down.
ACAP (AGC Capacitor)
This pin provides the capacitor connection for setting the parameters of the microphone AGC circuit. It
should have a 4.7 µF capacitor connected to ground. It cannot be left floating. This is because the
capacitor is also used in the playback mode for the AutoMute circuit or when signal compression is
chosen (AMT0 is set to ONE). This circuit reduces the amount of noise present in the output during
quiet pauses. Tying this pin to ground gives maximum gain. Tying it to VCCA gives minimum gain for
the AGC amplifier, but cancels the AutoMute function. Connect the capacitor to low noise ground as
ground noise directly affects the microphone performance
SP +, SP-
(Speaker +/-)
This is the speaker differential output circuit. It is designed to drive an 8Ω speaker connected across
the speaker pins, up to a maximum of 23.5 mW RMS power. This stage has two selectable gains,
1.32 and 1.6, which can be chosen through the configuration registers. These pins are biased to ap-
proximately 1.2 VDC and, if used single-ended, must be capacitively coupled to their load. Do NOT
ground the unused pin.
AUX OUT (Auxiliary Output)
The AUX OUT is an additional audio output pin to be used, for example, to drive the speaker circuit in
a “car kit.” It drives a minimum load of 5 kΩ and up to a maximum of 1 V p-p. The AC signal is
superimposed on approximately 1.2 VDC bias and must be capacitively coupled to the load.
AUX IN (Auxiliary Input)
The AUX IN is an additional audio input to the Winbond ISD5216, such as from the microphone circuit
in a mobile phone “car kit.” This input has a nominal 694 mV p-p level at its minimum gain setting
(0 dB). (See Aux In Amplifier Gain Settings Table below). Additional gain is available in 3 dB steps
(controlled by the I
2C interface) up to 9 dB.
0TLP Input VP-P
(2)
Gain Setting
Gain
(1) (dB)
Gain
(1)
Array In/Out VP-P
Speaker Out VP-
P
(3)
0.694
00
0
1.00
0.694
0.694
0.491
01
3
1.41
0.694
0.694
0.347
10
6
2.00
0.694
0.694
0.245
11
9
2.82
0.694
0.694
1.
Gain from AUX IN to ARRAY IN
2.
0TLP Input is the reference Transmission Level Point that is used for testing. This level is typically 3 dB
below clipping
3.
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com