Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 71 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 71 Page - Winbond

Back Button ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond ISD5216PI Datasheet HTML 71Page - Winbond ISD5216PI Datasheet HTML 72Page - Winbond ISD5216PI Datasheet HTML 73Page - Winbond ISD5216PI Datasheet HTML 74Page - Winbond ISD5216PI Datasheet HTML 75Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 71 -
Revision B.4
12.2. PLASTIC SMALL OUTLINE INTEGRATED CIRCUIT (SOIC) DIMENSIONS
28 27 26 25 24 23 22 21 20 19 18 17 16 15
1
2
3 45
6
7 8 910 11 12 13 14
A
D
E
F
B
G
C
H
Min
Nom
Max
Min
Nom
Max
A
0.701
0.706
0.711
17.81
17.93
18.06
B
0.097
0.101
0.104
2.46
2.56
2.64
C
0.292
0.296
0.299
7.42
7.52
7.59
D
0.005
0.009
0.0115
0.127
0.22
0.29
E
0.014
0.016
0.019
0.35
0.41
0.48
F
0.050
1.27
G
0.400
0.406
0.410
10.16
10.31
10.41
H
0.024
0.032
0.040
0.61
0.81
1.02
Note:
Lead coplanarity to be within 0.004 inches.
Plastic Small Outline Integrated Circuit (SOIC) Dimensions
INCHES
MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com