Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 70 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 70 Page - Winbond

Back Button ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond ISD5216PI Datasheet HTML 71Page - Winbond ISD5216PI Datasheet HTML 72Page - Winbond ISD5216PI Datasheet HTML 73Page - Winbond ISD5216PI Datasheet HTML 74Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
ISD5216
- 70 -
12. PACKAGE SPECIFICATIONG
12.1. PLASTIC THIN SMALL OUTLINE PACKAGE (TSOP) TYPE E DIMENSIONS
Min
Nom
Max
Min
Nom
Max
A
0.520
0.528
0.535
13.20
13.40
13.60
B
0.461
0.465
0.469
11.70
11.80
11.90
C
0.311
0.315
0.319
7.90
8.00
8.10
D
0.002
0.006
0.05
0.15
E
0.007
0.009
0.011
0.17
0.22
0.27
F
0.0217
0.55
G
0.037
0.039
0.041
0.95
1.00
1.05
H
0
0
3
0
6
0
0
0
3
0
6
0
I
0.020
0.022
0.028
0.50
0.55
0.70
J
0.004
0.008
0.10
0.21
INCHES
MILLIMETERS
PLASTIC THIN SMALL OUTLINE PACKAGE (TSOP) TYPE E DIMENSIONS
Note:
Lead coplanarity to be within 0.004 inches.
5
6
7
8
9
10
11
12
13
14
2
3
4
15
16
17
18
19
20
21
22
23
24
25
26
27
28
A
B
G
F
C
D
E
H
J
I
A
B
G
C
F
E
H
J
4
8
10
1
2
3
5
6
7
9
11
12
13
14
18
20
24
17
16
15
19
21
22
23
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com