Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 26 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 26 Page - Winbond

Back Button ISD5216PI Datasheet HTML 22Page - Winbond ISD5216PI Datasheet HTML 23Page - Winbond ISD5216PI Datasheet HTML 24Page - Winbond ISD5216PI Datasheet HTML 25Page - Winbond ISD5216PI Datasheet HTML 26Page - Winbond ISD5216PI Datasheet HTML 27Page - Winbond ISD5216PI Datasheet HTML 28Page - Winbond ISD5216PI Datasheet HTML 29Page - Winbond ISD5216PI Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
ISD5216
- 26 -
7.5.8. Playback Mode
The command sequence for an analog playback operation from a given address is the Slave Address
(80h), the Command Byte (A9h) for Play Analog @ Address, and the two address bytes. If The Play
Analog (A8h) is sent, playback starts from the current address pointer. The current address pointer is
returned when the three status bytes are read.
7.5.9. Record Mode
The command sequence for an Analog Record is a four byte sequence consisting of the Slave
Address (80h), the Command Byte (91h) for Record Analog @ Address, and the two address bytes. If
The Record Analog (90h) is sent, recording starts from the current address pointer.
7.5.10. Message Cueing
Message cueing allows the user to skip through messages, without having to know the actual physical
location of each message. This operation is used during playback. In this mode, the messages are
skipped 512 times faster than in normal playback mode. This operation will stop when an EOM marker
is reached. Then, the internal address counter will be pointing to the next message.
7.6. DIGITAL MODE
7.6.1. Writing Data
The Digital Write function allows the user to select a portion of the array to be used as digital memory.
The partition between analog and digital memory is left up to the user. A page can only be either
Digital or Analog, but not both. The minimum addressable block of memory in the digital mode is 1
block, or 64 bits, when reading or writing. The address sent to the device is the 11-bit row (or page)
address with the 5-bit scan (or block) address. However, one must send a Digital Erase before
attempting to change digital data on a page. This means that even when changing only one of the 32
blocks, all 32 will need to be rewritten to the page.
After the address is entered, the data is sent in one-byte packets followed by an I
2C acknowledge
generated by the chip. Data for each block is sent MSB first. The data transfer is ended when the
master generates an I
2C STOP condition. If only a partial block of data is sent before the STOP
condition, zero is “written” in the remaining bytes; that is, they are left at the erase level. An erased
page (row) will be read as all zeros. The device can buffer up to two blocks of data.
If the device is unable to accept more data due to the internal write process, the SCL line will be held
LOW indicating, to the master, to halt data transfer. If the device encounters an overflow condition, it
will respond by generating an interrupt condition and an I
2C Not Acknowledge signal after the last
valid byte of data. Once data transfer is terminated, the device needs up to two cycles (64 us) to
complete its internal write cycle before another command is sent. If an active command is sent before
the internal cycle is finished, the ISD5216 will hold SCL LOW until the current command is finished.
7.6.2. Reading Data
The Digital Read command utilizes the combined I
2C command format. That is, a command is sent to
the chip using the write data direction. Then the data direction is reversed by sending a repeated start
condition and the slave address with R/W set to one. After this, the slave device (ISD5216) begins to
send data to the master until the master generates a Not Acknowledge. If the part encounters an
overflow condition, the INT pin is pulled LOW. No other communication with the master is possible
due to the master generating ACK signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com