Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 25 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 25 Page - Winbond

Back Button ISD5216PI Datasheet HTML 21Page - Winbond ISD5216PI Datasheet HTML 22Page - Winbond ISD5216PI Datasheet HTML 23Page - Winbond ISD5216PI Datasheet HTML 24Page - Winbond ISD5216PI Datasheet HTML 25Page - Winbond ISD5216PI Datasheet HTML 26Page - Winbond ISD5216PI Datasheet HTML 27Page - Winbond ISD5216PI Datasheet HTML 28Page - Winbond ISD5216PI Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 25 -
Revision B.4
7.5.5. Power-up
The ISD5216 must be powered up before sending any other commands. Wait for Tpud time before
sending the next command.
7.5.6. Read Status
When the device is polled with the Read Status command, it will return three bytes of data. The first
byte is the status byte, the next is the upper address byte and the last is the lower address byte. The
status register is one byte long and its bit function is:
BIT#
NAME
FUNCTION
7
EOM
Indicates whether an EOM interrupt has occurred.
6
OVF
Indicates whether an overflow interrupt has occurred.
5
READY
Indicates the internal status of the device – if READY is LOW no new
commands should be sent to device.
4
PD
Device is powered down if PD is HIGH.
3
PRB
Play/Record mode indicator. HIGH=Play/LOW=Record.
2
1
0
DEVICE_ID
An internal device ID. This is 001 for the ISD5216.
The lower address byte will always return the block address bits as zero, either in digital or analog
mode.
It is good practice to read the status register after a Write or Record operation to ensure that the
device is ready to accept new commands. Depending upon the design and the number of pins
available on the controller, the polling overhead can be reduced. If
INT and RAC are tied to the
microcontroller, the controller does not have to poll as frequently to determine the status of the
ISD5216
7.5.7. Attaching an Address to a Command
In the I
2C write mode, the device can accept data sent after the command byte. If a register load
option is selected, the next two bytes are loaded into the selected register. The format of the data is
MSB first, as specified by the I
2C standard. Thus to load DATA<15:0> into the device, DATA<15:8> is
sent first, the byte is acknowledged, and DATA<7:0> is sent next. The address register consists of two
bytes. The format of the address is as follows:
ADDRESS<15:0> = PAGE_ADDRESS<10:0>, BLOCK_ADDRESS<4:0>
If an analog function is selected, the block address bits must be set to 00000. Digital Read and Write
are block addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com