Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 59 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 59 Page - Winbond

Back Button ISD5216PI Datasheet HTML 55Page - Winbond ISD5216PI Datasheet HTML 56Page - Winbond ISD5216PI Datasheet HTML 57Page - Winbond ISD5216PI Datasheet HTML 58Page - Winbond ISD5216PI Datasheet HTML 59Page - Winbond ISD5216PI Datasheet HTML 60Page - Winbond ISD5216PI Datasheet HTML 61Page - Winbond ISD5216PI Datasheet HTML 62Page - Winbond ISD5216PI Datasheet HTML 63Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 59 -
Revision B.4
PCM PARAMETERS
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Bit Clock Frequency
1/TSCK
SCK
64
---
3072
kHz
Bit Clock Duty Cycle
DC
SCK
---
50
---
%
Word Sync. Frequency
1/TWSl
WS @ low rate
---
8000
---
Hertz
Word Sync. Frequency
1/TWSh
WS @ high rate
44.1
---
48
kHz
Rise Time
TIR
SCK,SDI,SDIO,WS
---
---
50
nsec
Fall Time
TIF
SCK,SDI,SDIO,WS
---
---
50
nsec
Hold Time for 2
nd cycle of Bit
clock
THLD
SCK low to WS low
50
---
---
nsec
Transmit Sync. Timing
TXS
TSX
SCK to WS
WS to SCK
20
100
---
---
---
---
nsec
nsec
Receive Sync. Timing
TRS
TSR
SCK to WS
WS to SCK
20
100
---
---
---
---
nsec
nsec
Setup Time for SDI valid
TSTSDI
---
20
---
---
nsec
Hold Time for SDI valid
THDSDI
---
50
---
---
nsec
Output Delay Time for SDIO
valid
TDV
SCK to SDIO
10
---
120
nsec
Output Delay Time for SDIO
High Impedance
TDHI
SCK to SDIO
10
---
120
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com