Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 44 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 44 Page - Winbond

Back Button ISD5216PI Datasheet HTML 40Page - Winbond ISD5216PI Datasheet HTML 41Page - Winbond ISD5216PI Datasheet HTML 42Page - Winbond ISD5216PI Datasheet HTML 43Page - Winbond ISD5216PI Datasheet HTML 44Page - Winbond ISD5216PI Datasheet HTML 45Page - Winbond ISD5216PI Datasheet HTML 46Page - Winbond ISD5216PI Datasheet HTML 47Page - Winbond ISD5216PI Datasheet HTML 48Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
ISD5216
- 44 -
7.10.6. Digital Erase
1. Host executes I
2C START.
2. Send Slave Address with /W bit = “0” (Write).
3. Send Digital Erase command (d1h)
4. Send high address byte (00h)
5.
Send low address byte (a0h) - erase row 5 in this example. Erase operations must be
addressed on a page boundary.
The 5 LSB bits of the Low Address Byte will be
ignored.
6. Host executes I
2C STOP.
7. Wait until the desired number of pages have been erased. There will be a pulse on the RAC
pin for each page that is erased. After the stop command (described below) has been
received, erasing will stop at the end of the page currently being erased. To erase one page
only, issue the stop command immediately after the start erase command.
8. Host executes I
2C START.
9. Send Slave Address with /W bit = “0” (Write).
10. Send the Stop command (c0h).
11. Host executes I
2C STOP
A
S
SLAVE ADDRESS
W
Command Byte
D1h
A
DATA
A
DATA
A
High Addr. Byte
Low Addr. Byte
A
S
SLAVE ADDRESS
W
P
Command Byte
80h
Erase starts on falling
edge of Slave
acknowledge
Note 2
"N" RAC cycles
Note 3.
Last erased row
Note 4.
A
P
Notes:
1.
I
2C bus is released while erase proceeds. Other devices may use the bus until it is
time to execute the STOP command that causes the end of the Erase operation.
2.
Host processor must count RAC cycles to determine where the chip is in the erase
process, one row per RAC cycle.
RAC pulses LOW for 0.25 microsecond at the end of
each erased row.
The erase of the “next” row begins with the rising edge of RAC.
See the Digital Erase RAC timing diagram on page 46.
3.
4.When the erase of the last desired row begins, the following STOP command
(Command Byte = 80 hex) must be issued.
This command must be completely given,
including receiving the ACK from the Slave before the RAC pin goes HIGH .25
microseconds before the end of the row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com