Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 67 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 67 Page - Winbond

Back Button ISD5216PI Datasheet HTML 63Page - Winbond ISD5216PI Datasheet HTML 64Page - Winbond ISD5216PI Datasheet HTML 65Page - Winbond ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond ISD5216PI Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 67 -
Revision B.4
11. TYPICAL APPLICATION CIRCUIT
APPLICATIONS
The ISD5216 is a single chip solution for voice and analog storage that also includes the capability to
store digital information in the memory array. The array may be divided between analog and digital
storage, as the user chooses, when configuring the device.
Looking at the block diagram on the following page, one can see that the ISD5216 may be very easily
designed into a cellular phone. Placing the device between the microphone and the existing baseband
chip takes care of the transmit path. The SDI/SDIO of the baseband chip is connected to the
SDIO/SDI of the ISD5216. Two pins are needed for the I
2C digital control and digital information for
storage.
Starting at the MICROPHONE inputs, the input signal at the MICROPHONE inputs can be routed in
the following ways:
•
directly through the Voice band CODEC of the ISD5216 chip, then through the SDIO pin, to
output the digital PCM signal.
•
through the AGC amplifier, before it is routed to the voice band CODEC.
•
through the AGC amplifier to the storage array
•
through the AGC amplifier and mixed with an analog voice band CODEC signal coming from
the digital SDI pin
In addition, if the phone is inserted into a "hands-free" car kit, then the signal from the pickup
microphone in the car can be passed through to the same places from the AUX IN pin and the
phone's microphone is switched off. In this scenario, the other party's voice from the phone would be
played into the PCM IN input and passed through to the AUX OUT pin that would drive the car kit's
loudspeaker.
INT
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com