Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 69 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 69 Page - Winbond

Back Button ISD5216PI Datasheet HTML 65Page - Winbond ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond ISD5216PI Datasheet HTML 71Page - Winbond ISD5216PI Datasheet HTML 72Page - Winbond ISD5216PI Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 69 -
Revision B.4
HANDSET APPLICATION
VSSD
VSSD
A0
SDA
A1
SCL
VCCD
MCLK
INT
RAC
SDI
SDIO
VSSA
MICBS
MIC+
MIC-
ACAP
SP
AUX IN
SCK
AUX OUT
WS
VCCA
SP+
VSSA
NC
ISD5216
PDIP
VSSA
VCCD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
.1
μF
.1
μF
.1
μF
1.5k
Ω
1.5k
Ω
Electret Microphone
WM-54B Panasonic
To Microcontroller
I
2C interface and
Address setting
13.824 MHz
PCM IN
PCM OUT
8 KHz
2.048 MHz
TO RINGER
.1
μF
.1
μF
.1
μF
Vcc
Vcc
Vcc
4.7K
Ω
4.7K
Ω
RECEIVE
AUXILIARY INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com