Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 64 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 64 Page - Winbond

Back Button ISD5216PI Datasheet HTML 60Page - Winbond ISD5216PI Datasheet HTML 61Page - Winbond ISD5216PI Datasheet HTML 62Page - Winbond ISD5216PI Datasheet HTML 63Page - Winbond ISD5216PI Datasheet HTML 64Page - Winbond ISD5216PI Datasheet HTML 65Page - Winbond ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
ISD5216
- 64 -
ANALOG PARAMETERS
MICROPHONE INPUT
[14]
Symbol
Parameters
Min
(2)
Typ
( 1)(14)
Max
(2)
Units
Conditions
VMIC+/-
MIC +/- Input Voltage
300
mV
Peak-to-Peak
[4][8]
VMIC (0TLP)
MIC
+/-
input
reference
transmission
level
point
(0TLP)
208
mV
Peak-to-Peak
[4][10]
AMIC (GT)
MIC +/- Gain Tracking
+/-0.1
dB
1 kHz, +3 to –40 dB
0TLP Input
RMIC
Microphone input resistance
10
k
Ω
MIC- and MIC+ pins
AAGC
Microphone AGC Amplifier
Range
6
40
dB
Over 3-300 mV Range
VMICBS
Microphone Bias Voltage
2.2
V
IMICBS = 0.0 mA
RMICBS
MICBS Output Resistance
700
Ω
AUX IN
[14]
Symbol
Parameters
Min
(2)
Typ
(1)(14)
Max
(2)
Units
Conditions
VAUX IN
AUX IN Input Voltage
1.0
V
Peak-to-Peak
(0
dB
gain setting)
VAUX IN (0TLP)
AUX
IN
(0TLP)
Input
Voltage
694.2
mV
Peak-to-Peak
(0
dB
gain setting)
AAUX IN (GA)
AUX IN Gain Accuracy
-0.5
+0.5
dB
[11]
AAUX IN (GT)
AUX IN Gain Tracking
+/-0.1
dB
1000 Hz, +3 to –45 dB
0TLP Input, 0 dB setting
RAUX IN
AUX IN Input Resistance
10 to 100
k
Ω
Depending on AUX IN
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com