Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 65 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 65 Page - Winbond

Back Button ISD5216PI Datasheet HTML 61Page - Winbond ISD5216PI Datasheet HTML 62Page - Winbond ISD5216PI Datasheet HTML 63Page - Winbond ISD5216PI Datasheet HTML 64Page - Winbond ISD5216PI Datasheet HTML 65Page - Winbond ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 65 -
Revision B.4
SPEAKER OUTPUTS
[14]
Symbol
Parameters
Min
[2]
Typ
[1][14]
Max
[2]
Units
Conditions
VSPHG
SP+/- Output Voltage (High
Gain Setting)
3.6
V
Peak-to-Peak,
differential load = 150
Ω,
OPA1, OPA0 = 01
RSPLG
SP+/- Output Load Imp.
(Low Gain)
8
Ω
OPA1, OPA0 = 10
RSPHG
SP+/- Output Load Imp.
(High Gain)
70
150
Ω
OPA1, OPA0 = 01
CSP
SP+/- Output Load Cap.
100
pF
VSPAG
SP+/- Output Bias Voltage
(Analog Ground)
1.2
VDC
VSPDCO
Speaker Output DC Offset
+/-100
mV
DC
With CODEC D/A IN to
Speaker.
PSRR
Power
Supply
Rejection
Ratio
-55
dB
Measured with a 1 kHz,
100 map sine wave
input at VCC and VCC
pins
FR
Frequency Response (300-
3400 Hz)
-0.25
+0.25
dB
With 0TLP input to AUX
IN, 6 dB setting
(12)
POUTLG
Power Output (Low Gain
Setting)
23.5
mW
RMS
Differential load at 8
Ω
AUX OUT
[14]
Symbol
Parameters
Min
[2]
Typ
[1][14]
Max
[2]
Units
Conditions
VAUX OUT
AUX OUT – Maximum
Output Swing
1.0
V
5k
Ω Load
RL
Minimum Load Impedance
5
K
Ω
CL
Maximum
Load
Capacitance
100
pF
VBIAS
AUX OUT
1.2
VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com