Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 56 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 56 Page - Winbond

Back Button ISD5216PI Datasheet HTML 52Page - Winbond ISD5216PI Datasheet HTML 53Page - Winbond ISD5216PI Datasheet HTML 54Page - Winbond ISD5216PI Datasheet HTML 55Page - Winbond ISD5216PI Datasheet HTML 56Page - Winbond ISD5216PI Datasheet HTML 57Page - Winbond ISD5216PI Datasheet HTML 58Page - Winbond ISD5216PI Datasheet HTML 59Page - Winbond ISD5216PI Datasheet HTML 60Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
ISD5216
- 56 -
CODEC Parameters
The internal CODEC meets the specification of the ITU-T G.714 recommendation in 8 kHz sampling
mode. This specification is verified, using the MIC+/- and SPEAKER+/- pins as analog input and
output.
The CODEC
μ/A-Law Compander meets the specification of the ITU-T G.711 μ/A-Law companding
recommendation
Symbol
Parameters
Min
Typ
Max
Units
Conditions
LABS
Absolute level
Vrms
0 dBm0 = -2.5dBm @ 600
Ω
TXMAX
Max. Transmit level
2
Vpp
Mic+/Mic- differential
fch1
High
pass
filter
cut-off
frequency
300
Hz
@WS=8kHz,
MCLK=13.824MHz
fcl1
Low
pass
filter
cut-off
frequency
3400
Hz
@WS=8kHz,
MCLK=13.824MHz
fcl2
Low
pass
filter
cut-off
frequency
4686
5037
5100
Hz
@
WS=44.1kHz
–
48kHz,
MCLK=20.48MHz
ΔfMCLK
Master
clock
frequency
accuracy
-500
0
+500
ppm
DMCLK
Master Clock Duty Cycle
48
50
52
%
I
2S PARAMETERS (all values in nano seconds)
Transmitter
Receiver
Lower Limit
Upper Limit
Lower Limit
Upper Limit
Parameter
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
NOTE
S
Bit Clock period T
325
325
High time tHC
114
114
Low time tLC
114
114
Rise time tRC
49
Delay tdtr
260
Hold time thtr
100
Set-up time tsr
65
Hold time thr
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com