Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 72 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 72 Page - Winbond

Back Button ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond ISD5216PI Datasheet HTML 71Page - Winbond ISD5216PI Datasheet HTML 72Page - Winbond ISD5216PI Datasheet HTML 73Page - Winbond ISD5216PI Datasheet HTML 74Page - Winbond ISD5216PI Datasheet HTML 75Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
ISD5216
- 72 -
12.3. PLASTIC DUAL INLINE PACKAGE (PDIP) DIMENSIONS
Plastic Dual Inline Package (PDIP) (P) Dimensions
INCHES
MILLIMETERS
Min
Nom
Max
Min
Nom
Max
A
1.445
1.450
1.455
36.70
36.83
36.96
B1
0.150
3.81
B2
0.065
0.070
0.075
1.65
1.78
1.91
C1
0.600
0.625
15.24
15.88
C2
0.530
0.540
0.550
13.46
13.72
13.97
D
0.19
4.83
D1
0.015
0.38
E
0.125
0.135
3.18
3.43
F
0.015
0.018
0.022
0.38
0.46
0.56
G
0.055
0.060
0.065
1.40
1.52
1.65
H
0.100
2.54
J
0.008
0.010
0.012
0.20
0.25
0.30
S
0.070
0.075
0.080
1.78
1.91
2.03
0
0°
15°
0°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com