Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 41 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 41 Page - Winbond

Back Button ISD5216PI Datasheet HTML 37Page - Winbond ISD5216PI Datasheet HTML 38Page - Winbond ISD5216PI Datasheet HTML 39Page - Winbond ISD5216PI Datasheet HTML 40Page - Winbond ISD5216PI Datasheet HTML 41Page - Winbond ISD5216PI Datasheet HTML 42Page - Winbond ISD5216PI Datasheet HTML 43Page - Winbond ISD5216PI Datasheet HTML 44Page - Winbond ISD5216PI Datasheet HTML 45Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 41 -
Revision B.4
7.9. AUTO MUTE AND AUTO GAIN FUNCTIONS
During playback, the signal passes through the Automatic Attenuator before it is filtered. The
Automatic Attenuator will attenuate all signals at the noise level in order to reduce the noise during
quiet pauses.
During record, low level input signals are brought up by the Auto Gain function if the configuration bit
D7 of CFG0 (AMT0) is set. This improves the signal to noise ratio of recorded low level input signals.
If the configuration bit CFG0<7> (AMT0) is set to ZERO, all input levels are recorded with the same
gain setting. The attack and release time of the Auto Gain and Auto Mute functions is set by the
capacitor on the ACAP pin. The AGC cannot be used if the Auto Gain or Auto Mute function is
enabled.
Tattack
≈ 0,1504 x Vpeak
Trelease
≈ 6.58 x Vpeak
@ Cattcap=4.7
μF
Vpp
Gain
(dB)
0
0
-12
Vpp
Gain
(dB)
0
0
12
Expand
Compres
Vpp
Gain
(dB)
0
0
Vpp
Gain
(dB)
0
0
12
Expand
Compres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com