Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 43 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 43 Page - Winbond

Back Button ISD5216PI Datasheet HTML 39Page - Winbond ISD5216PI Datasheet HTML 40Page - Winbond ISD5216PI Datasheet HTML 41Page - Winbond ISD5216PI Datasheet HTML 42Page - Winbond ISD5216PI Datasheet HTML 43Page - Winbond ISD5216PI Datasheet HTML 44Page - Winbond ISD5216PI Datasheet HTML 45Page - Winbond ISD5216PI Datasheet HTML 46Page - Winbond ISD5216PI Datasheet HTML 47Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 43 -
Revision B.4
A graphical representation of this operation is found below. See the caption box above for more
explanation.
7.10.4. Load Command Byte Register (Single Byte Load):
A single byte may be written to the Command Byte Register in order to power up the device, start or
stop Analog Record (if no address information is needed), or perform a Message Cueing function. The
Command Byte Register is loaded as follows:
1. Host executes I
2C START.
2. Send Slave Address with R/W bit = “0” (Write) [80h].
3. Host sends a command byte to Slave.
4. Host executes I
2C STOP.
7.10.5. Load Command Byte Register (Address Load):
For the normal addressed mode the Registers are loaded as follows:
1. Host executes I
2C START.
2. Send Slave Address with R/W bit = “0” (Write).
3. Host sends a byte to Slave - (Command Byte).
4. Host sends a byte to Slave - (High Address Byte).
5. Host sends a byte to Slave - (Low Address Byte).
6. Host executes I
2C STOP.
S
SLAVE ADDRESS
A
DATA
P
W
Command Byte
A
S
SLAVE ADDRESS
A
P
W
Command
DATA
A
DATA
A
DATA
A
High Addr. Byte
Low Addr. Byte
S
SLAVE ADDRESS
A
A
DATA
P
R
DATA
DATA
A
N
Status Word
High Addr. Byte
Low Addr. Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com