Electronic Components Datasheet Search
  English  ▼

X  

ISD5216PI Datasheet(PDF) 73 Page - Winbond

Part # ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Datasheet(HTML) 73 Page - Winbond

Back Button ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond ISD5216PI Datasheet HTML 71Page - Winbond ISD5216PI Datasheet HTML 72Page - Winbond ISD5216PI Datasheet HTML 73Page - Winbond ISD5216PI Datasheet HTML 74Page - Winbond ISD5216PI Datasheet HTML 75Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 73 -
Revision B.4
13. ORDERING INFORMATION
Winbond Ordering Number Description
When ordering, please refer to the above valid part number. Contact the local Winbond Sales
Representative or Distributor for availability information.
For the latest product information, access Winbond’s worldwide website at http://www.winbond-
usa.com
I5216 x x x
Special Temperature Field:
Blank
=
Commercial Packaged (0°C to +70°C)
I
=
Industrial (–40°C to +85°C)
Product Family
ISD5216 Product
(8- to 16-minute durations)
Package Type:
E
=
28-Lead 8x13.4mm Plastic Thin Small Outline Package (TSOP) Type 1
S
=
28-Lead 0.300-Inch Plastic Small Outline Package (SOIC)
P
=
28-Lead 0.600-Inch Plastic Dual Inline Package (PDIP)
Package Option:
Y
= Lead-free
Blank = Leaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com