Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 104 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 104 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 100Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 102Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 104Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 108Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 512 page
background image
Chapter 8 SDRAM Controller
8-20
Table 8.5.5 Address Mapping for 16-bit SDRAM (2/2)
Row address width
= 12
Column address width
= 11
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
(AP)
16
17
18
(B1)
19
(B0)
Column address
1
2
3
4
5
6
7
8
21
22
L/H
23
24
25
24
Row address
9
10
11
12
13
14
15
16
17
18
19
20
24
25
24
Row address width
= 13
Column address width
= 8
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
(AP)
16
17
18
(B1)
19
(B0)
Column address
1
2
3
4
5
6
7
8
22
23
L/H
20
21
23
22
Row address
9
10
11
12
13
14
15
16
17
18
19
20
21
23
22
Row address width
= 13
Column address width
= 9
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
(AP)
16
17
18
(B1)
19
(B0)
Column address
1
2
3
4
5
6
7
8
22
23
L/H
20
21
24
23
Row address
9
10
11
12
13
14
15
16
17
18
19
20
21
24
23
Row address width
= 13
Column address width
= 10
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
(AP)
16
17
18
(B1)
19
(B0)
Column address
1
2
3
4
5
6
7
8
22
23
L/H
20
21
25
24
Row address
9
10
11
12
13
14
15
16
17
18
19
20
21
25
24
Row address width
= 13
Column address width
= 11
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
(AP)
16
17
18
(B1)
19
(B0)
Column address
1
2
3
4
5
6
7
8
22
23
L/H
24
21
26
25
Row address
9
10
11
12
13
14
15
16
17
18
19
20
21
26
25
•
If the same address is enabled for more than one channel, the address becomes active for the
channel having the smallest number. The following shows the order of priority for the
channels:
ch0
⇒ ch1 ⇒ ch2 ⇒ ch3 ⇒ ch4 ⇒ ch5 ⇒ ch6 ⇒ ch7
•
16-bit to 32-bit memory and 32-bit to 16-bit memory channel crossings are supported.
•
16-bit memory must be placed on the low-order data bus, D0-D15. Likewise the low-order
data mask signals DQM0* and DQM1* are used. In big endian mode, the high-order half
word D16-D31 is written first and the low-order half word D0-D15 is written last. In little
endian mode, the low-order half word D0-D15 is written first and the high-order half word
D16-D31 is written last. A bys cycle to 16-bit memory will always generate two external
accesses, no matter how the byte enables are set. The high-order data mask signals DQM2*
and DQM3* are held high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com