| Electronic Components Datasheet Search |
|
TMPR3927 Datasheet(PDF) 108 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3927 Datasheet(HTML) 108 Page - Toshiba Semiconductor |
|
108 / 512 page ![]() Chapter 8 SDRAM Controller 8-24 • Table 8.5.7 shows the Type 1 address mappings for DIMM flash memory. ADDR5-ADDR7 and ADDR18-ADDR19 are “don’t cares” for row address specification. ADDR17 is available for expansion. Table 8.5.7 Type 1 Address Mappings for DIMM Flash Memory Type 1 addressing for 32-bit flash memory Address bit ADDR [19 : 5] 5 6 7 8 9 1011 1213 1415 161718 (B1) 19 (B0) Column address 2 3 4 5 6 7 8 9 19 20 10 24 25 12 11 Row address 10 11 12 13 14 15 16 17 18 21 22 23 25 12 11 Type 1 addressing for 16-bit flash memory Address bit ADDR [19 : 5] 5 6 7 8 9 1011 1213 1415 161718 (B1) 19 (B0) Column address 1 2 3 4 5 6 7 8 18 19 9 23 24 11 10 Row address 10 11 12 12 13 14 15 16 17 20 21 22 24 11 10 • The setting of the base address (SDCCRn.SDAAn) and the address mask (SDCCRn.SDAMn) determine whether the channel is selected. However, the row size (SDCCRn.SDRSn) and column size (SDCCRn.SDCSn) have no effect on the flash memory. These fields are ignored. • All other addressing features are the same as those for SDRAM. All boundary crossings are supported (in particular, page and channel boundaries). If the same address is enabled for more than one channel, the address becomes active for the channel having the smallest number. The following shows the order of priority for the channels: ch0 ⇒ ch1 ⇒ ch2 ⇒ ch3 ⇒ ch4 ⇒ ch5 ⇒ ch6 ⇒ ch7 (5) Bus error and abnormal cycle termination • Same as those for SDRAM with one exception. The aborting access has a different effect in that the DIMM flash memory cycle terminates immediately, regardless of whether the abort occurs in read or write operation (the DIMM flash memory access takes several clock cycles to complete). This is necessary since the byte enable and data bus (including the deasserting of OE*) are required immediately by the bus master. (6) Power-down modes • Same as those for SDRAM except that bus cycles can still occur as long as the SDRAMC is running even if SDCLK is not being output. DIMM flash memory devices are asynchronous devices and do not use the CKE or external clock signals. (7) Debug mode • Same as that for SDRAM. Refer to “8.5.1 (7) Debug mode.” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |