Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 109 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 109 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 111Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 113Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 512 page
background image
Chapter 8 SDRAM Controller
8-25
8.5.4
SMROM Operation
(1) Initialization, boot, and refresh
SMROM is self-initialized at power-on and is ready to begin delivering data. The device does
not drive the bus until both CS* and OE* are asserted. Its default values are RAS latency (tRCD) =
2, CAS latency (tCASL) = 5, and burst length = 4 or 8.
These default values are required for proper operation during SMROM boot. The timing
latencies match those set in the SMROM timing register for SMROM (SDCTR3) during
initialization. And although the SDRAMC operates with a burst length of 4, single reads are
performed during the initial boot so a setting of burst length
= 8 is acceptable. A burst setting of 8
imposes a requirement of tRC = 10 at 66 MHz on SMROM but this is also acceptable since tRC =
11 for single reads with the default timing latencies.
SMROM boot is selected by setting boot signals BME[1:0] (ADDR[9:8] pins) to "00" during a
reset. As the boot sequence proceeds the first step in changing any of the default settings is to
change the burst length from 8 to 4. This is done by executing the MRS command (the burst length
is automatically set to 4 and the current, default, timing latencies are used). It is important not to
reprogram the timing latencies either in the shared timing register or in the SMROM until the
operations can be properly synchronized.
Once the burst length is set to 4, then the cache can be enabled and burst reads can be
performed. If the boot sequence continues from SMROM and the timing latencies are to be
changed, then the code to do this should be in cache. The cached instructions to perform an update
to the SDRAM timing register (SDCTR3) and an MRS are then unaffected by changing the
SMROM timing latencies. Once the operations are complete the timing latencies are synchronized
between the SDRAMC and the SMROM and normal read cycles can commence.
On the other hand, if the boot sequence has switched to RAM code fetches before the timing
latencies are changed, then there is more flexibility in changing the timing register (SDCTR3) and
the mode register in the SMROM.
Memory channel 0 is used as the boot channel. The default base address in the control register
(SDCCR0) is 0x1FC0_0000. Since the 32M-bit SMROM uses address bit 21 as its MSB row
address, the boot start address in SMROM will be 0. However, for 64M-bit SMROM devices,
address bit 22 (
=1) is the MSB and the boot start address will be 0x400000. The other fields
initialized in the control register (SDCCR0) are memory type (SDM0)
= 10, enable (SDE0) = 1,
and memory width (SDMW0)
= 0 (32-bit).
The refresh circuit is only enabled if there is an SDRAM enabled on at least one memory
channel. Refresh is inhibited to any channel used for SMROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com