Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 110 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 110 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 111Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 114Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 512 page
background image
Chapter 8 SDRAM Controller
8-26
(2) Reading and writing
•
Burst accesses must be 4-word aligned. The TX39/H2 core (except in critical word first mode)
and the DMA controller in dual address mode always align accesses to 4-word boundaries.
Note that PCI burst accesses to SMROM are not always aligned to 4-word boundaries.
•
Writes to SMROM are illegal. If a write is attempted, the SDRAMC ignores it and does not
return a bus acknowledge. As a result, the bus is locked and a bus timeout will occur.
•
Since the burst length is 4, single reads are terminated with the burst stop command
(precharge command). Thus the SMROM asserts only a single word and then places the data
bus in the high-impedance state.
•
If the row address match feature is enabled, the current row address is compared to the
previously read row address. If a match is detected, the same channel is assumed so the
activate command (RAS* cycle) is skipped and only the read command (CAS* cycle) is
executed. This works for single or burst reads. At 66 MHz, two clock cycles are saved for
each read access since tRCD = 2tCK. At 50 MHz, one clock cycle is saved for each read access
since tRCD = 1tCK.
(3) Addressing considerations
•
Table 8.5.8 shows the SMROM address mapping for 32-bit memory. The basic mapping is
shown in dark gray for a 13-bit row and 7-bit column device. The next two address bits, A22
and A23, are provided for larger column or row space. The number of address bits to be used
depends on the SMROM device.
Table 8.5.8 Address Mapping for 32-bit SMROM
Row address width
= 13 (14, 15)
Column address width
= 7 (8, 9)
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
(AP)
16
17
18
(B1)
19
(B0)
Column address
2
3
4
5
6
7
8
22
22
23
19
20
21
22
23
Row address
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
•
If the row address match feature is enabled, the match circuit checks all fifteen row address
bits.
(4) Bus error and abnormal cycle termination
•
Same as those for SDRAM except that SMROM operates with a burst length of 4. Read
operation is aborted with a precharge command but the CAS latency of 4tCK or 5tCK is
incurred before the SMROM data pins are placed in the high-impedance state.
(5) Power-down modes
•
Same as those for SDRAM except that the only SMROM power-down mode is low power
mode. The auto-exit feature is also implemented in the same way as with SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com