Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 104Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 512 page
background image
Chapter 8 SDRAM Controller
8-23
(3) Reading and writing
•
Programmable wait states in the SDRAM timing register for DIMM flash memory (SDCTR2)
are used to tune read and write accesses to the speed grade of the flash memory.
•
The same burst accesses as those for SDRAM are supported for DIMM flash memory. Burst
writes to DIMM flash memory do not make sense since DIMM flash memory writes generally
require a timed interval to complete. However, the feature is supported for future
implementations.
•
If the CPU or other circuits attempt burst accesses to DIMM flash memory, the SDRAMC
treats them as single accesses on the external bus.
•
During non-DIMM flash memory accesses, the CS* signals are always kept high to keep the
flash memory devices in a NOP state.
•
Slow write burst mode is not available for DIMM flash memory. If the feature is enabled (by
setting the SDTCR1.SWB1 bit to “1”), it has no effect on the DIMM flash memory accesses.
The feature can be enabled only for SDRAMs in the same system.
•
Data read bypass has the same effect on DIMM flash memory accesses. That is, DIMM flash
memory accesses follow the current setting of the data read bypass bit (DRB1) in the SDRAM
timing register (SDTCR1).
(4) Addressing considerations
•
Table 8.5.6 shows the Type 0 address mappings for DIMM flash memory. ADDR5-ADDR7
are “don’t cares” for row address specification. ADDR16-ADDR17 are available for
expansion.
Table 8.5.6 Type 0 Address Mappings for DIMM Flash Memory
Type 0 addressing for 32-bit flash memory
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
161718
(B1)
19
(B0)
Column address
2
3
4
5
6
7
8
9
10
11
12
25
26
14
13
Row address
10
11
12
15
16
17
18
19
20
21
22
25
26
24
23
Type 0 addressing for 16-bit flash memory
Address bit
ADDR [19 : 5]
5
6
7
8
9
1011
1213
1415
161718
(B1)
19
(B0)
Column address
1
2
3
4
5
6
7
8
9
10
11
24
25
13
12
Row address
10
11
12
14
15
16
17
18
19
20
21
24
25
23
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com