Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 111Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 512 page
background image
Chapter 8 SDRAM Controller
8-27
8.5.5
SGRAM Operation
SGRAM operation is very similar to that of SDRAM. In fact, SGRAM devices can be used as a
replacement for SDRAMs in a system by connecting their DSF pins to a low level. There are some
differences regarding their size and special features which are described next.
(1) Addressing
The available SGRAM memory sizes are 8M and 16M bits (the data width is 32 bits), thus
supporting a smaller addressing range than SDRAMs. The SGRAM devices are used by
configuring the control register (SDCCRn) with a row size of 11 bits and a column size of 8 bits.
The TX3927 supports both of these SGRAM memory sizes. For the 8M-bit device, ADDR5-
ADDR13 and ADDR16 of the TX3927 are connected to A0-A8 and BA, respectively, of the
device. For the 16M-bit device, ADDR5-ADDR14 and ADDR17 are connected to A0-A9 and BA,
respectively, of the device. In both cases, the precharge bit ADDR13 or ADDR14 is set to low or
high in the column address depending on whether auto-precharge is enabled.
In order to get contiguous SGRAM memory from one channel to the next, the 16M-bit device
should be used. (The 8M-bit device is smaller than the base address selection field in the control
register.)
(2) Write per bit (WPB) and block write (BW) features
Each feature is enabled by setting the corresponding bit to “1” in the SDRAM timing register
(SDCTR1). Once enabled the feature will affect write accesses to all channels that are enabled with
SGRAM. If both features are enabled then both features are applied to the same write access.
The write per bit function is initialized with the loading of the mask register in the SGRAM.
This uses a Special Mode Register Set (SMRS) command, i.e., the Load Mask command of the
TX3927. Similarly, the write block function is initialized with the Load Color command. These
commands can be executed at any time to update the internal registers of the SGRAM. Note that
the channel mask bits (SDCMSK) in the command register (SDCCMD) should be correctly set
before the SMRS command is executed.
Unlike SDRAMs, there are unique timings associated with a BW that must be observed. (The
WPB feature is unencumbered by special constraints.) The two parameters of concern are tBPL,
block write to precharge delay, and tBWC, block write cycle time. The first parameter governs how
quickly a precharge can be executed after a BW and varies from 1tCK to 2tCK depending on the
clock rate of the device. The second parameter governs how quickly contiguous BWs can be
executed during a burst and varies from 1tCK to 2tCK depending on the clock rate of the device.
tBPL applies to single writes and burst writes and is controlled by setting the write recovery time
in the SDRAM timing register (SDCTR1). For burst writes with auto-precharge, this parameter
should be set to a value appropriate for the memory used, in the same way as with SDRAMs.
tBWC applies to burst writes and, in general, is fixed to 1tCK. However, if the slow write option
is enabled in the SDRAM timing register (SDCTR1), then tBWC becomes 2tCK.
The DMA address increment feature can be used in conjunction with a BW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com