| Electronic Components Datasheet Search |
|
TMPR3927 Datasheet(PDF) 112 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3927 Datasheet(HTML) 112 Page - Toshiba Semiconductor |
|
112 / 512 page ![]() Chapter 8 SDRAM Controller 8-28 The DSF signal is asserted during the execution of an SMRS command and at the appropriate times during the execution of the WPB and BW features. The DSF pin is shared with a PIO feature (PIO[1]) so it must be enabled properly by the TX3927 pin configuration register (PCFG). The DSF signal should only be expected to be asserted during clock cycles in which it is used by the SGRAM. 8.5.6 Notes on Programming • Make sure the SDRAM timing register for SDRAM/SGRAM (SDCTR1) is programmed with the correct timing values before the MRS command is issued. Make sure the SDRAM timing register for DIMM flash memory (SDCTR2) is updated with the correct values to allow for efficient accesses. The SDRAM timing register for SMROM (SDCTR3) requires special consideration during boot, as described in “8.5.3(1) Initialization, boot, and refresh.” • The three SDRAM timing registers (SDCTR1 to SDCTR3) contain timing parameters that apply, respectively, to all SDRAM/SGRAM, DIMM flash memory, and SMROM devices in the system. Thus they must be programmed to satisfy the requirements for the slowest devices. • The TX3927 has a write buffer. The TX39/H2 core does not write to memory directly at a store instruction. It writes only to the write buffer and continues to handle the next instruction. The write buffer writes data to the target memory when the bus is empty. Thus there are a time gap between a store instruction being executed and the data actually being written to memory. To guarantee that the execution of a command from the command register (SDCCMD) (or the SGRAM load mask (SDCSMRS1) or load color (SDCSMRS2) register) has completed in the TX3927, the write buffer must be flushed. This can be accomplished by simply reading back the command register after it is written (the read-back from an address recently written does not complete until the write buffer has been flushed). The “lw” instruction that performs the read-back causes the pipeline to stall, thus ensuring the command will be executed in a correct sequence. • Note that the boot address in 64M-bit SMROM devices will be non-zero (0x400000) while it will 0 for 32M-bit SMROM devices. Refer to the SMROM section for details. • Unused SDCLK signals can be disabled through programming bits [26:22] in the Pin Configuration (PCFG) register. SDCLK[0] must not be disabled when an SDRAM is used because it goes to the internal feedback. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |