Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 113 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 113 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 111Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 116Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 117Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 512 page
background image
Chapter 8 SDRAM Controller
8-29
8.
SDRAM Controller
8.6
Timing Diagrams
The timing waveforms shown in this section are subjected to the following restriction:
(1) For single 32-bit writes, ACK* is asserted at the same time data is written to memory. However, for
burst writes or a 32-bit write to 16-bit memory, ACK* is asserted two clock cycles prior to the writing
of data to memory. For all reads, ACK* asserts on the same cycle that data is valid and read from
memory. ACK* is also shown for a DIMM flash memory write, but it is asserted at the end of the bus
cycle.
8.6.1
SDRAM Single Read Operation in 32-bit Bus Mode
Figure 8.6.1 Single Read from 32-bit SDRAM (tCLK = 15, tRCD = 2, tCASL = 2)
DATA [31 : 0]
0
f
f
87654321
SDCLK
CS*
ADDR
[19 : 5]
RAS*
CAS*
WE*
CKE
OE*
DQM [3 : 0]
ACK*
7fff
7bff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com