Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 105 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 105 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 102Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 104Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 512 page
background image
Chapter 8 SDRAM Controller
8-21
•
The setting of the base address (SDCCRn.SDBAn) and the address mask (SDCCRn.SDAMn)
determine whether the channel is selected. However, the address bits being asserted to the
SDRAM(s) depend solely on the row/column sizes set in the control registers
(SDCCRn.SDRSn/SDCSn). Hence, there could be overlap between low-order bits used in
channel selection and high-order bits of the asserted address.
•
The internal registers of the TX3927 are located in a reserved address space (0xFF00_0000-
0xFFFE_FFFF). If an SDRAMC memory channel is mapped to overlay the register space,
unpredictable results may occur.
(5) Bus error and abnormal cycle termination
•
No bus error is returned by the SDRAMC.
•
If a write is performed to an address where no register is allocated in the SDRAMC registers
address area (0xFFFE_8000-0xFFFE_8FFF), the bus cycle is completed normally without any
adverse effects. A read from such an address reads all 0’s.
•
The SDRAMC immediately aborts its current operation under two conditions: a bus error
(generated by some other module) or a debug reset. If either case occurs, the current SDRAM
clock cycle completes, the remaining SDRAMC operation is aborted, a PALL command is
issued, and the SDRAMC returns to its idle state. The SDRAMC will hold off any new
accesses until it returns to idle and then respond normally. The contents of the SDRAM
remain intact for recovery or debugging.
•
A write to the command register for executing a command cycle causes any write cycles to
this register to wait until the command is executed. Therefore, aborting such a register access
is supported. If a register access is aborted, the current operation in the clock cycle completes
and the control signals return to their idle state.
•
Refreshes are unaffected by the cycle aborts, even if a refresh was in progress when the abort
occurred.
(6) Power-down modes
Software can disable and enable CKE to the SDRAMs at any time by issuing the appropriate
command in the command register. The commands Enter L/H Power Mode and Enter Power Down
Mode turn off CKE and the command Exit L/H Power/Power Down Mode turns on CKE. Low
power mode puts the SDRAMs in self-refresh mode and power-down mode puts the SDRAMs in
precharge power-down mode, where no refresh is performed and data is at risk.
If one of the power-down modes is entered, the clocks to the SDRAMs are turned off. Also, the
SDRAMC resets and disables the refresh counter of the internal refresh circuit.
Exiting the power-down modes can be done either by using the command register as described
above or by an automatic process. The auto-exit process is executed whenever CKE is turned off
and an SDRAM (or SMROM) access is attempted. This is transparent to software: CKE is
automatically turned on and the bus access completes normally. Thus the TX3927 can begin
fetching instructions or data immediately after returning from one of its power-down states.
Whenever the power-down modes are exited, a pause of 10tCK occurs before the next operation
initiates. This satisfies the SDRAM timing requirements for the first access after power-down
exits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com