Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 479 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 479 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 475Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 476Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 477Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 478Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 479Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 480Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 481Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 482Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 483Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 552 page
background image
Chapter 15 Interrupt Controller
15-33
15.4.13 Interrupt Edge Detection Clear Register (IREDC)
0xF660
31
16
Reserved
: Type
: Default
15
9
8
7
4
3
0
Reserved
EDCE0
Reserved
EDCS0
RW1C
R/W
: Type
0
0000
: Default
Bit
Mnemonic
Field Name
Explanation
Read/Write
31:9
⎯
⎯
Reserved
⎯
8
EDCE0
Edge Detection
Clear Enable 0
Edge Detection Clear Enable 0 (Default: 0)
Clears edge detection of interrupts specified by the EDCS0 field.
0: Does not clear.
1: Clears.
Value always becomes “0” when this bit is read.
R/W1C
7:4
⎯
⎯
Reserved
⎯
3:0
EDCS0
Edge Detection
Clear Source 0
Edge Detection Clear Source 0 (Default: 0x0)
These bits specify the interrupt source to be cleared.
1111: Reserved
1110: Reserved
1101: Reserved
1100: Reserved
1011: Reserved
1010: Reserved
1001: Reserved
1000: Reserved
0111: External INT [5] interrupt
0110: External INT [4] interrupt
0101: External INT [3] interrupt
0100: External INT [2] interrupt
0011: External INT [1] interrupt
0010: External INT [0] interrupt
0001: Reserved
0000: Reserved
R/W
Figure 15.4.13 Interrupt Status Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com