Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 480 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 480 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 476Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 477Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 478Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 479Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 480Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 481Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 482Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 483Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 484Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 552 page
background image
Chapter 15 Interrupt Controller
15-34
15.4.14 Interrupt Pending Register (IRPND)
0xF680
Indicates the status of each interrupt request regardless of the IRLVL 7-0 and IRMSK value.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IS31
IS30
IS29
IS28
IS27
IS26
IS25
IS24
IS23
IS22
IS21 Reserved IS19
IS18
IS17
IS16
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
: Type
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
: Default
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IS15
IS14
IS13
IS12
IS11
IS10
IS9
IS8
IS7
IS6
IS5
IS4
IS3
IS2
IS1
IS0
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
: Type
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
: Default
Bit
Mnemonic
Field Name
Explanation
Read/Write
31
IS31
Interrupt Status 31 IRINTREQ [31] Status (Default: 0, R)
This bit indicates the SPI interrupt status.
1: Interrupt requests
0: No interrupt requests
R
30
IS30
Interrupt Status 30 IRINTREQ [30] Status (Default: 0, R)
This bit indicates the DMA1[3] interrupt status.
1: Interrupt requests
0: No interrupt requests
R
29
IS29
Interrupt Status 29 IRINTREQ [29] Status (Default: 0, R)
This bit indicates the DAM1[2] interrupt status.
1: Interrupt requests
0: No interrupt requests
R
28
IS28
Interrupt Status 28 IRINTREQ [28] Status (Default: 0, R)
This bit indicates the DMA1[1] interrupt status.
1: Interrupt requests
0: No interrupt requests
R
27
IS27
Interrupt Status 27 IRINTREQ [27] Status (Default: 0, R)
This bit indicates the DMA1[0] interrupt status.
1: Interrupt requests
0: No interrupt requests
R
26
IS26
Interrupt Status 26 IRINTREQ [26] Status (Default: 0, R)
This bit indicates the PCIC1 interrupt status.
1: Interrupt requests
0: No interrupt requests
R
25
IS25
Interrupt Status 25 IRINTREQ [25] Status (Default: 0, R)
This bit indicates the ACLCPME interrupt status.
1: Interrupt requests
0: No interrupt requests
R
24
IS24
Interrupt Status 24 IRINTREQ [24] Status (Default: 0, R)
This bit indicates the ACLC interrupt status.
1: Interrupt requests
0: No interrupt requests
R
23
IS23
Interrupt Status 23 IRINTREQ [23] status
This bit indicates the PCIPMC interrupt status
1: Interrupt requests
0: No interrupt requests
R
Figure 15.4.14 Interrupt Source Status Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com