Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 487 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 487 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 483Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 484Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 485Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 486Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 487Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 488Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 489Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 490Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 491Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 552 page
background image
Chapter 15 Interrupt Controller
15-41
15.4.18 Interrupt Request Polarity Control Register (IRPOL)
0xF518
31
16
Reserved
: Type
: Default
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
R/W
: Type
0x0000
: Default
Bit
Mnemonic
Field Name
Explanation
Read/Write
31:16
⎯
⎯
Reserved
⎯
15:0
FPC [15:0]
Flag Polarity
Control
Flag Polarity Control [15:0] (Default: 0x0000)
These bits specify the polarity of the flag bit that generated the interrupt.
An interrupt request is generated when the XOR of the FPC bit and the
flag bit is “1.”
Flag bit (PF)
FPC bit
Interrupt request
0
0
No
0
1
Yes
1
0
Yes
1
1
No
R/W
Figure 15.4.18 Interrupt Requests Polarity Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com