Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 532 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 532 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 528Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 529Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 530Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 536Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 552 page
background image
Chapter 23 Notes on Use of TMPR4937
23-2
Bus errors occur the following three conditions.
(1) When CCFG.TOE of the Chip Configuration Register is set to “1” (Default: 0), G-Bus timeout
error detection is enabled, and the following situation results:
•
A Bus timeout occurs when a G-Bus Bus Master (TX49/H3 Core, DMAC, or PCIC) is reading
the G-Bus
•
A Bus timeout occurs when a G-Bus Bus Master (other than the TX49/H3 Core) is writing to
the G-Bus
(2) When ECCCR.MEB of the ECCCR Register in the SDRAM Controller is set to “1” (Default: 0),
Parity errors are enabled during a multi-bit error, and the following situation results:
•
A 2-bit ECC error or Parity error is detected during SDRAM Read operation by the TX49/H3
Core
•
A 2-bit ECC error or Parity error is detected during Read/Write operation by a G-Bus Bus
Master other than the TX49/H3 Core
(3) When PCICCFG.IRBER of the PCICCFG Register in the PCI Controller is set to “1” (Default: 1),
and the following situation results during initiator Read operation:
•
A Parity error is detected
•
A Master ABORT is received
•
A Target ABORT is received
•
A TRDY timeout is detected
•
A Retry timeout is detected
There is no problem for ColdReset or SoftReset exceptions because initialization processing is
performed after the exception occurs. Also, there is no problem for NMI exceptions if the process after
the exception occurs is similar to the above reset process.
[Workaround]
•
There is no problem if error notification to the TX49/H3 Core using Bus errors is not enabled
in the above Conditions.
•
Executing a SYNC instruction immediately after the preceding load instruction allows you to
avoid condition because the next instruction will not be executed until the Load data arrives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com