Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 534 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 534 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 530Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 538Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 552 page
background image
Chapter 23 Notes on Use of TMPR4937
23-4
In the case only one channel is used, restarting DMS transfer without a reset of FIFO results in a
malfunction when the conditions (1) to (3) are satisfied.
When two channels are used in a system, the following table shows settings to cause malfunctions.
Ch. A of a bus error
Ch. B
FIFO
XFSZ
Transfer
FIFO
XFSZ
Transfer
Transfer restarted
in ch. A after a bus
error (without reset
of FIFO)
Ch. B after a bus
error
Disable
Any
value
Single
Disable
Any
value
Single
Malfunction of ch. A
Malfunction of ch. B
Disable
Any
value
Single
Enable
<4DW
Single
Malfunction of ch. A
Malfunction of ch. B
Disable
Any
value
Single
Enable
≥4DW
Burst
1)
Malfunction of ch. A
Correct operation of
ch. B 1)
1) By this setting, Channel B performs burst transfer. When the different off-set values are set to the
source address and destination address of Channel B, or source and destination burst inhibit bits
are set, single and burst transfer modes are combined for data transfer, but a malfunction does
not occur.
<Supplemental information> Dual address transfer mode
– Single transfer:
Disable FIFO (DMMCR.FIFUM[n]=0]
or the value smaller than 4DW is set to DMCCRn.XFSZ.
– Burst transfer:
Enable FIFO (DMMCR.FIFUM[n]=1]
and 4DW or larger value is set to DMCCRn.XFSZ.
[Workarounds]
Workarounds vary depending on which type of dual address transfer is performed together with dual
address single transfer. Combination of 4 channels in DMAC0 or DMAC1 affects a workaround to be
required.(DMAC0 and DMAC1 are independent controllers.)
Single Transfer
Burst Transfer
Workaround
(1)
1 ch.
Null
(a) or (b)
(2)
1 ch.
1 to 3 ch.
(b)
(3)
2 to 4 ch.
Null
(a)
(4)
2 to 3 ch.
1 to 2 ch.
(a)
(a)
Enable FIFO for all channels that perform single transfer.
(DMMCRn.FIFUM[n]=1: n=3 to 0)
(b)
After all channels finished transfers, set 1 to RSFIF in DMMCRn, then write 0 to reset and
release reset of FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com