Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 533 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 533 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 529Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 530Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 537Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 552 page
background image
Chapter 23 Notes on Use of TMPR4937
23-3
23.2 Notes on External Bus Controller
•
Output delay of DATA[63:0] depends on the external bus speed set with EBCCRn.SP. For details on it,
see 21.5.4 External Bus Interface AC Characteristics.
23.3 Notes on DMA Controller
•
When burst transfer is performed during DMA transfer, the increment value setting for address is
restricted. For details, see 8.3.7 Single Address Transfer and 8.3.8 Dual Address Transfer.
•
Restrictions in dual address transfer by the DMA controller
[Restriction]
Setting the DMA master control register (DMMCRn) is restricted in the dual address transfer mode.
[Violation]
When a bus error occurs on a channel contained in DMAC, “all 0” may be written repeatedly to the
address (DMSARn), that should be read, in all channels including it.
In this case, the address value (DMSARn) and count register value (DMCNTRn) are not changed,
and write is continued to the same address until CPU terminates DMA transfer (0 is set to
DMCCRn.XFACT).
<Conditions>
This violation occurs in the following conditions.
(1) FIFO is disabled. 0 is set to either one channel or more of FIFUM[n] (n=3 to 0) in DMMCR.
(2) The channel shown above (1) is set to dual address transfer. 0 is set to SNGAD in DMCCRn (n=3
to 0).
(3) A bus error occurs during access to the destination address in the channel which satisfies both (1)
and (2). 1 is set to DESERR in DMCSRn (n=3 to 0).
(4) When (3) is satisfied, single transfer (non-burst transfer) in dual address transfer mode (see
Supplemental Remarks for details) performed in any channel causes the violation shown above.
When DMMCR.FIFUM[n]=0 is set in dual address transfer mode, single transfer (non-burst
transfer) is performed regardless of the value set to DMCCRn.XFSZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com