| Electronic Components Datasheet Search |
|
TMPR4937 Datasheet(PDF) 537 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Datasheet(HTML) 537 Page - Toshiba Semiconductor |
|
537 / 552 page ![]() Chapter 23 Notes on Use of TMPR4937 23-7 <Conditions> This problem occurs when the following conditions are satisfied. (1) The broken master detection function is enabled (BMCEN=1). The broken master detection function is enabled or disabled with the BMCEN bit of the PCI bus arbiter configuration register (PBACFG). The default value is 0 which disables the function. (2) The bus masters are assigned to the high level and low level in the on-chip PCI bus arbiter. The bus master is assigned to the bus arbiter with the PCI Bus Arbiter Request Port Register (PBAREQPORT). (3) When the PCI bus master connected to the high level is detected as the broken master, the master connected to the low level requests the bus mastership, which is the highest-priority request in the low level. (That is Master W immediately after a reset or the master which acquires the bus mastership most recently in the low level when the fixed park master mode is not set, or Master W that is the park master in the fixed park master mode.) PCI Arbitration Priority [Workarounds] There are two workarounds for this problem. (1) Don’t use the broken master function. Don’t set the BMCEN bit of the PBACFG register. (2) When using the broken master function, use only the high level containing Master A, B, C and D. Low Level (Priority: Low) High Level (Priority: High) Master A Low-level Master Master Z Master X (Park master) Master W Master B Master C Master D Master Y PCI Bus Master 1 PCI Bus Master 2 Request Request Grant Access is not started within 16PCICLK Broken Master PCI bus master 2 also becomes a broken master. On-chip PCI Controller |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |