Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 539 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 539 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 539Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 540Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 541Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 542Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 543Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 552 page
background image
Chapter 23 Notes on Use of TMPR4937
23-9
•
Restriction when Initiator Write by PDMAC and Target Read conflict.
[Restriction]
Don’t perform Target Read from a register on the G-Bus when the condition is the following
<Conditions>.
[Violation]
When an Initiator Write transaction using PDMAC (PCI Dedicated DMA Controller) mounted in the
PCI Controller of the target product and a Target Read transaction to the target product by the a device
on the PCI Bus conflict, there are cases when the Target Read data is corrupted.
<Conditions>
(1) In the PCI Controller of the above target product:
A. PDMAC performs an Initiator Write transaction to a device on the PCI Bus.
B. Device on the PCI Bus becomes the Bus Master and performs a Target Read on the target
product.
When the two above accesses conflict,
(2) The internal bus (G-Bus) of the target product is accessed continuously in the following order.
(a) PDMAC reads the Initiator Write data on the G-Bus.
(b) TC (Target Controller) reads data from the G-Bus because of a Target Read request.
(3) The target of the Target Read in (2) is a register on the G-Bus
However, there is no corresponding register on the Internal Bus (IM-Bus).
[Workarounds]
Do not perform Target Read access from a register on the G-Bus under the above conditions. The
register on the G-Bus is a register with the 0x8000 to 0xEFFF offset address.
PDMAC
TC
Device 1 on
PCI Bus
Device 2 on
PCI Bus
G-Bus
TX49
(CP0)
SDRAM
etc
SDRAMC
EBIF
PCI Bus
Memory Bus
Data
G-Bus
Module
Reg.
A. PDMAC Initiator Write
B. Target Read
(a)
(b)
TX4937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com