Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 535 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 535 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 539Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 552 page
background image
Chapter 23 Notes on Use of TMPR4937
23-5
– Only one channel performs single transfer
(1) Single transfer performed with only one channel
Perform either (a) or (b) to prevent a malfunction.
(2) Single transfer performed with one channel and burst transfer
Perform (b) to prevent a malfunction.
– Two or more channels perform single transfer
(3) Single transfer (performed with two to four channels)
Perform (a) to prevent a malfunction.
(4) Single transfer performed with two to three channels and burst transfer
Perform (a) to prevent a malfunction. For the channel used for burst transfer, set the same offset to
DMSARn and DMDARn, or set 1 to DMCCRn.USEXFSZ. (Set the on-chip FIFO to be shared
with multiple DMA channels by which no data remains in FIFO.)
In dual address burst transfer, when 0 is set to the transfer size mode bit and the offset value is
different between source address and destination address, data may remain in FIFO. (See 8.3.8.2
Burst Transfer During Dual address Transfer.) When a bus error occurs during single transfer for
which workaround (a) is performed, data is erased if it remains in FIFO during burst transfer. This
occurs because FIFO is reset due to a bus error. Since DMAC does not detect data erasing, you
need to set FIFO to contain no data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com