Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 538 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 538 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 539Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 540Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 541Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 542Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 552 page
background image
Chapter 23 Notes on Use of TMPR4937
23-8
•
Note on use of the PCI boot function
[Restriction]
Don’t perform PCI boot in default setting.
[Violation]
When performing PCI boot in the default setting, 64 Mbyte memory space that is 0x0_1C00_0000 to
0x0_1FFF_FFFF (physical address, the area a and b in the figure shown below) is assigned to the PCI
bus, and not 4 Mbyte memory space that is 0x0_1FC0_0000 to 0x0_1FFF_FFFF (physical address, the
area a).
PCI boot is performed correctly. When the memory space that is 0x0_1C00_0000 to
0x0_1FBF_FFFF (physical address, the area b) is accessed after boot, malfunction occurs due to
conflict between PCIC and the other controller such as SDRAMC which assigns this memory space.
There is no problem when the memory space that is 0x0_1C00_0000 to 0x0_1FBF_FFFF (physical
address, the area b) is not accessed after boot.
<Conditions>
This malfunciton occurs when the memory space that is 0x0_1C00_0000 to 0x0_1FBF_FFFF
(physical address) is accessed after boot. When there is no memory space that is 0x0_1C00_0000 to
0x0_1FBF_FFFF (physical address) other than PCIC, this malfunction does not occur.
[Workaround]
To assign correct memory space, change the value of G2P Memory Space 2 Address Mask Register
(G2PPM2MASK) to the following value.
Default value
Change to
G2PM2MASK(0xD148)
0x003f_fff0
->
0x0003_fff0
Area a
4 MB
64 MB
0x0 1C00 0000
0x0_1FFF_FFFF
0x0_1FC0_0000
0x0 1FBF FFFF
Area b
Physical address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com