Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 351 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 351 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 347Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 348Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 349Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 350Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 351Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 355Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 716 page
background image
Chapter 10 PCI Controller
10-75
Bit
Mnemonic
Field Name
Description
Read/Write
2
Reserved
⎯
1
IWB
Initiator Write
Busy
Initiator Write Busy (Busy: 0x0)
Indicates that a Write cycle was in progress when a Write cycle to the PCI
Bus was executed.
While a Write cycle is in progress, no error status to that Write cycle is
reflected. Therefore, this bit is used to confirm the status when it changes
from “1” to “0” after the Write cycle ends.
1: Indicates that a Write cycle is in progress.
0: Indicates that no Write cycle is in progress.
R
0
E2PDONE
EEPROM Load
Done
EEPROM Load Done (Default--)
When using EEPROM, this bit indicates that data loading from EEPROM is
complete. This bit is set to “1” when the internal process ends even if no
EEPROM is connected.
1: Indicates that data loading from EEPROM is complete.
0: Indicates that data loading from EEPROM is not complete.
R
Figure 10.4.42 PCI Controller Status Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com