Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 352 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 352 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 348Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 349Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 350Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 351Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 356Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 716 page
background image
Chapter 10 PCI Controller
10-76
10.4.45 PCI Controller Interrupt Mask Register (PCICMASK)
0xD178
31
16
Reserved
: Type
: Initial value
15
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PMEIE TLBIE NIBIE ZIBIE Reserved PERRIE SERRIE GBEIE
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0x0
0x0
0x0
0x0
0x0
0x0
0x0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:11
Reserved
⎯
10
PMEIE
PME Detect
Interrupt Enable
PME* Signal Interrupt Enable (Default: 0x0)
When in the Host mode, this bit generates an interrupt when input of the
PME* signal is detected.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
9
TLBIE
Long Burst
Transfer Detect
Interrupt
Too Long Burst Interrupt Enable (Default: 0x0)
This bit generates an interrupt when a Burst transfer by the on-chip DMA
Controller exceeding 8 DWORDs was detected.
1: Generates an interrupt.
0: Does not generate an interrupt
R/W
8
NIBIE
Negative
Increment Burst
Transfer Detect
Interrupt Enable
Negative Increment Burst Interrupt Enable (Default: 0x0)
This bit generates an interrupt when a negative direction Burst transfer by
the on-chip DMA Controller is detected.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
7
ZIBIE
Zero Increment
Burst Transfer
Detect Interrupt
Enable
Zero Increment Burst Interrupt Enable (Default: 0x0)
This bit generates an interrupt when a Burst transfer by the on-chip DMA
Controller without an address increment is detected.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
6
Reserved
⎯
5
PERRIE
PERR* Detect
Interrupt Enable
PERR* Interrupt Enable (Default: 0x0)
This bit generates an interrupt when the Parity Error signal (PERR*) is
asserted.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
4
SERRIE
SERR* Detect
Interrupt Enable
SERR* Interrupt Enable (Default: 0x0)
This bit generates an interrupt when the System Error signal (SERR*) is
asserted.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
3
GBEIE
G-Bus Bus Error
Detect Interrupt
Enable
G-Bus Bus Error Interrupt Enable (Default: 0x0)
This bit generates an interrupt when a Bus Error is asserted while the PCI
Controller is the G-Bus Master.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
2:0
Reserved
⎯
Figure 10.4.43 PCI Controller Interrupt Mask Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com