Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 354 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 354 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 350Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 351Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 358Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 716 page
background image
Chapter 10 PCI Controller
10-78
10.4.47 P2G Memory Space 1 G-Bus Base Address Register (P2GM1GBASE)
0xD188
63
48
Reserved
: Type
: Initial value
47
39
38
37
36
35
32
Reserved
P2GM1EN
BSWAP
EXFER
BA[35:32]
R/W
R/W
R/W
R/W
: Type
0x0
0x0/0x1 0x1/0x0
0x0
: Initial value
31
24
23
16
BA[31:24]
Reserved
R/W
: Type
0x00
: Initial value
15
0
Reserved
: Type
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:39
Reserved
⎯
38
P2GM1EN
Memory Space 1
Enable
Target Memory Space 1 Enable (Default: 0x0) Controls whether Memory
Space 1 for target access is valid or invalid.
When this bit is set to invalid, Writes to the Memory Space 1 Lower Base
Address Register or the Memory Space 1 Upper Base Address Register of
the PCI Configuration Register become invalid. Also, “1” is returned to
Reads as a response.
1: Validates Memory Space 1 for target access.
0: Invalidates Memory Space 1 for target access.
R/W
37
BSWAP
Byte Swap
Byte Swap Disable
(Default: Little Endian Mode: 0x1; Big Endian Mode: 0x0) Sets the byte
swapping of Memory Space 1 for target access.
1: Do not perform byte swapping.
0: Perform byte swapping.
Please use the default state in most situations. If this bit is changed to “1”
when in the Big Endian Mode, the byte order of transfer to Memory Space
0 through DWORD (32-bit) access will not change.
R/W
36
EXFER
Endian Transfer
Endian Transfer
(Default: Little Endian Mode: 0x0; Big Endian Mode: 0x1)
Sets the Endian Transfer of Memory Space 1 for target access.
1: Performs Endian Transfer.
0: Does not perform Endian Transfer.
Please use the default state.
R/W
35:24
BA[35:24]
Memory Space
Base Address 1
Base Address 0 (Default: 0x0_0000_00)
Sets the G-Bus base bus address of Memory Space 1 for target access.
Can set the base address in 16-MB units.
R/W
23:0
Reserved
⎯
Figure 10.4.45 P2G Memory Space 1 G-Bus Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com