Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 357 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 357 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 359Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 360Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 361Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 716 page
background image
Chapter 10 PCI Controller
10-81
10.4.50 G2P Configuration Address Register(G2PCFGADRS)
0xD1A0
The operation of any access to this register is undefined when the PCI Controller is in the Satellite
mode.
31
24
23
16
Reserved
BUSNUM
R/W
: Type
0x00
: Initial value
15
11
10
8
7
2
1
0
DEVNUM
FNNUM
REGNUM
TYPE
R/W
R/W
R/W
R/W
: Type
0x00
000
0x00
00
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:24
Reserved
⎯
23:16
BUSNUM
Bus Number
Bus Number (Default: 0x00)
Indicates the target PCI Bus Number (one of 256).
R/W
15:11
DEVNUM
Device Number
Device Number (Default: 0x00)
This field is used to identify the target physical device number. (This is one
number out of 32 devices. 21 of these 32 devices are used.)
When in the address phase of Type 0 configuration access, AD[31:11] of
the upper 21 address lines are used as the IDSEL signal.
0x00: Use AD [11] as IDSEL.
0x01: Use AD [12] as IDSEL.
0x02: Use AD [13] as IDSEL.
:
:
0x13: Use AD [30] as IDSEL.
0x14: Use AD [31] as IDSEL.
0x15 - 0x1F: Reserved
R/W
10:8
FNNUM
Function Number
Function Number (Default: 000)
This field is used to identify the target logic function number (one out of 8).
R/W
7:2
REGNUM
Register Number
Register Number (Default: 0x00)
This field is used to identify the DWORD (one out of 64) inside the
Configuration Space of the target function
R/W
1:0
TYPE
Type
Type (Default; 00)
This field is used to identify the address type in the address phase of the
target function configuration cycle.
0x0: Type 0 configuration (Use the AD[31:11] signal as the IDSEL signal.)
0x1: Type 1 configuration (Output all bits unchanged as the address to the
AD[ ] signal.)
R/W
Figure 10.4.48 G2P Configuration Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com