Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 358 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 358 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 359Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 360Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 361Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 362Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 716 page
background image
Chapter 10 PCI Controller
10-82
10.4.51 G2P Configuration Data Register (G2PCFGDATA)
0xD1A4
This is the only register that supports Byte access and 16-bit Word access. The upper address bit of
the PCI Configuration Space is specified by the G2P Configuration Address Register (G2PCFGADRS).
The lower two bits of the address are specified by the lower two bits of the offset address in this register
as shown in Figure 10.4.2.
The operation of any access to this register is undefined when the PCI Controller is in the Satellite
mode.
Table 10.4.2 PCI Configuration Space Access Address
Offset Address
Access Size
Configuration Space
Address [1:0]
Little Endian Mode
Big Endian Mode
32-bit
00
0xD1A4
0xD1A4
00
0xD1A4
0xD1A6
16-bit
10
0xD1A6
0xD1A4
00
0xD1A4
0xD1A7
01
0xD1A5
0xD1A6
10
0xD1A6
0xD1A5
8-bit
11
0xD1A7
0xD1A4
31
16
ICD
R/W
: Type
⎯
: Initial value
15
0
ICD
R/W
: Type
⎯
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
31:0
ICD
Initiator
Configuration
Data
Initiator Configuration Data Register (Default--)
This is a data port that is used when performing initiator PCI configuration
access. PCI configuration Read or Write transactions are issued when this
register is read to or written from.
R/W
Figure 10.4.49 G2P Configuration Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com